PART |
Description |
Maker |
IDTQS3VH244 IDTQS3VH244PA IDTQS3VH244Q QS3VH244PA |
QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH 2.5V/3.3V 8-Bit High Bandwidth Bus Switch
|
IDT[Integrated Device Technology]
|
PI3C3245Q PI3C3245L |
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch 2.5V/3.3V的,高带宽,热插位,2端口,总线开 2.5V/3.3V/ High Bandwidth/ Hot Insertion 8-Bit/ 2-Port/ Bus Switch
|
Pericom Technology Pericom Semiconductor, Corp. Pericom Semiconductor Corporation
|
PI3C34X245 PI3C34X245B |
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch From old datasheet system 2.5V/3.3V High Bandwidth Hot Insertion 32-Bit 2-Port Bus Switch
|
PERICOM[Pericom Semiconductor Corporation]
|
AD5450 AD5450YUJ AD5451 AD5451YUJ AD5452 AD5452YRM |
2.5 V to 5.5 V, 14-bit high bandwidth multiplying DAC with serial interface 12-Bit High Bandwidth Multiplying DACs with Serial Interface 10-Bit High Bandwidth Multiplying DACs with Serial Interface 8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface 8-Bit High Bandwidth Multiplying DACs with Serial Interface 5 #22 PVC PVC RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes
|
Advanced Analogic Technologies AD[Analog Devices] Analog Devices, Inc.
|
QS3VH384PAG QS3VH384PAG8 |
2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
|
Integrated Device Techn...
|
EV-AD5443/46/53SDZ |
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
|
Analog Devices
|
QS3VH16861PA8 |
2.5V/3.3V 20-Bit Flow-Through Pin Out, High Bandwidth Bus Switch
|
IDT
|
IDTQS34XVH2245 |
QUICKSWITCH? PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
|
IDT
|
EVAL-AD5443EB AD5426 AD5426BRM AD5426YRM AD5426YRM |
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
|
AD[Analog Devices]
|
QS34XVH245Q3G |
QUICKSWITCH? PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
|
Integrated Device Technology
|
PI3C3861 PI3C3861Q PI3C3861L |
2.5V/3.3V, High Bandwidth, Hot Insertion, 10-Bit, 2-Port, BusSwitch
|
PERICOM[Pericom Semiconductor Corporation]
|